Part Number Hot Search : 
K3659 EPF811 DL163 2450A 8V2062 R100KL 2SA952 AX150
Product Description
Full Text Search
 

To Download CTC0F-100J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Conformal Coated Inductors - Axial
ctparts.com
CTC0F Series
From .22 H to 220 H
Part Number CTC0F-R22_ CTC0F-R27_ CTC0F-R33_ CTC0F-R39_ CTC0F-R47_ CTC0F-R56_ CTC0F-R68_ CTC0F-R82_ CTC0F-1R0_ CTC0F-1R2_ CTC0F-1R5_ CTC0F-1R8_ CTC0F-2R2_ CTC0F-2R7_ CTC0F-3R3_ CTC0F-3R9_ CTC0F-4R7_ CTC0F-5R6_ CTC0F-6R8_ CTC0F-8R2_ CTC0F-100_ CTC0F-120_ CTC0F-150_ CTC0F-180_ CTC0F-220_ CTC0F-270_ CTC0F-330_ CTC0F-390_ CTC0F-470_ CTC0F-560_ CTC0F-680_ CTC0F-820_ CTC0F-101_ CTC0F-121_ CTC0F-151_ CTC0F-181_ CTC0F-221_ Not shown at actual size.
SPECIFICATIONS
Please specify tolerance code when ordering. CTC0F-R22_ J = 5%, K = 10%, M = 20% Inductance (H) .22 .27 .33 .39 .47 .56 .68 .82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 L Test Freq. (MHz) 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52. 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 Q Factor Min. 42 42 42 42 42 42 50 50 50 50 50 50 50 50 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 55 Q Test Freq. (MHz) 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 .796 .796 .796 .796 .796 SRF Min. (MHz) 150 150 150 150 150 150 150 150 150 110 80 80 45 40 38 35 32 30 28 26 24 22 20 18 17 16 14 13 12 11 10 9.5 9.0 8.0 6.0 5.5 5.0 DCR Max. () .40 .43 .48 .51 .56 .61 .67 .71 .80 .90 1.00 1.10 1.20 1.30 1.40 1.60 1.70 1.90 2.00 2.20 2.50 2.50 2.80 3.10 3.40 4.30 4.70 5.20 5.80 6.40 7.20 11.0 12.0 13.0 16.0 18.0 20.0 Rated DC (mA) 400 380 370 350 330 320 310 290 270 260 250 240 230 220 210 200 190 180 175 165 160 150 145 140 130 80 76 74 70 68 64 46 44 43 40 38 35
Compliant
RoHS
CHARACTERISTICS
Description: Axial leaded conformal coated inductor Applications: Used in less harsh environments. Ideal for less critical RFL/EMI applications Operating Temperature: -55C to +125C Inductance Tolerance: 5%, 10%, 20% Testing: Inductance and Q are tested on an HP4285A at specified frequency Packaging: Bulk,1000 pieces per bag, Tape & Reel - 5000 pieces per reel Material: Magnetic core treated with epoxy resin for protection and longer reliability Marking: Parts are EIA three color banded indicating inductance value and tolerance Miscellaneous: RoHS Compliant. Other values available. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
3.4 0.135
B
2.2 0.2 0.09 0.01
C
26.6 1.05
24 AWG
0.5110 0.2010
12.12.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTC0F-100J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X